Part Number Hot Search : 
25ETTS UR6HCPS2 M29W004T 13009 TDA4863 SCL4585B TDA4863 812LWX
Product Description
Full Text Search
 

To Download JANTXV1N6101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6101
A Microsemi Company
580 Pleasant St. Watertown, MA 02472
Phone: 617-924-9280 Fax: 617-924-1235
DIODE ARRAY PRODUCT SPECIFICATION MONOLITHIC AIR ISOLATED DIODE ARRAY
FEATURES:
* * * *
HERMETIC CERAMIC PACKAGE Bv > 75V at 5uA Ir < 100nA at 40V C < 4.0 pF
1 16
2
15
3
14
4
13
5
12
6
11
7
10
Absolute Maximum Ratings:
Symbol VBR(R) *1 *2 IO *1 * 3 IFSM *1 PT1 *4 PT2 *4 Top Tstg Parameter Reverse Breakdown Voltage Continuous Forward Current Peak Surge Current (tp= 1/120 s) Power Dissipation per Junction @ 25C Power Dissipation per Package @ 25C Operating Junction Temperature Range Storage Temperature Range Limit 75 300 500 400 600 -65 to +150 -65 to +200 Unit Vdc mAdc mAdc mW mW C C
8
9
.320 .290 .200 .100 .200 MAX .310 .220 .005 MIN
.023 .014
.070 .030
.785 MAX
.100 BSC
.098 MAX
NOTE 1: Each Diode NOTE 2: Pulsed: PW = 100ms max.; duty cycle < 20% NOTE 3: Derate at 2.4mA/C above +25 C NOTE 4: Derate at 4.0mW/C above +25 C
.060 .015
O-15
.015 .008
Electrical Characteristics (Per Diode) @ 25C unless otherwise specified
Symbol Parameter Conditions
PACKAGE OUTLINE
Min Max 1 0.1 25 4.0 15 10 5 Unit Vdc uAdc nAdc pF ns ns mV
Vf1 Forward Voltage If = 100mAdc *1 IR1 Reverse Current VR = 40 Vdc IR2 Reverse Current VR = 20 Vdc Ct Capacitance (pin to pin) VR = 0Vdc; f = 1 MHz tfr Forward Recovery Time If = 100mAdc trr Reverse Recovery Time If = IR = 10mAdc, irr = 1 mAdc, RL = 100 ohms VF5 Forward Voltage Match If = 10 mA NOTE 1: Pulsed: PW = 300us +/- 50us, duty cycle < 2%, 90us after leading edge
Sertech reserves the right to make changes to any product design, specification or other information at any time without prior notice.
MSC1016.PDF Rev - 11/25/98


▲Up To Search▲   

 
Price & Availability of JANTXV1N6101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X